Part Number Hot Search : 
DTA123 16430 176318 LV47002 HEF40 3216X5R GFMB1 CXA3125N
Product Description
Full Text Search
 

To Download CMBT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
SOT-23 Formed SMD Package
CMBT3906
SILICON EPITAXIAL TRANSISTOR
P-N-P transistor
Marking CMBT3906 = 2A
PACKAGE OUTLINE DETAILS ALL DIMENSIONS IN m m
Pin configuration 1 = BASE 2 = EMITTER 3 = COLLECTOR
3
1
2
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current (d.c.) Total power dissipation up to Tamb = 25 C D.C. current gain -IC = 10 mA; -VCE = 1 V Transition frequency at f = 100 MHz -IC = 10 mA; -VCE = 20 V
-VCB0 -VCE0 -VEB0 -IC Ptot hFE fT
max. max. max. max. max.
40 40 5 200 250
V V V mA
mW
100 to 300 min. 250 MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
CMBT3906
RATINGS Limiting values Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current (d.c.) Total power dissipation up to Tamb = 25 C Storage temperature THERMAL CHARACTERISTICS Tj = P(Rth j-t + Rth t-s + Rth s-a) + Tamb Thermal resistance from junction to ambient CHARACTERISTICS Tamb = 25 C unless otherwise specified Collector-emitter breakdown voltage -IC = 1 mA; lB = 0 Collector-base breakdown voltage -IC = 10A; IE = 0 Emitter-base breakdown voltage --IE = 10 A; IC = 0 Collector cut-off current -VCE = 30 V; -VEB = 3 V Base current with reverse biased emitter junction Output capacitance at f = 100 kHz IE = 0; -VCB = 5 V Input capacitance at f = 100 kHz IC = 0; -VBE = 0,5 V Saturation voltages -IC = 10 mA; -IB = 1 mA -IC = 50 mA; -lB = 5 mA -IC = 10 mA; -IB = 1 mA -IC = 50 mA; -lB = 5 mA D.C. current gain -IC = 0,1 mA; -VCE = 1 V -IC = 1 mA; -VCE = 1 V -IC = 10 mA; -VCE = 1 V
-VCB0 -VCE0 -VEB0 -IC Ptot Tstg
max. max. max. max.
40 40 5 200
V V V mA
max. 250 mW -55 to +150 C
Rth j-a
=
500 K/W
-V(BR)CE0 min. -V(BR)CB0 min. -V(BR)EB0 min. -I CEX -IBEX Cc Ce max. max, max, max.
40 V 40 V 5V 50 nA 50 nA 4,5 pF 10 pF
-VCEsat -VCEsat -VBEsat -VBEsat hFE hFE hFE
max. 0,25 V max. 0,4 V max. 0,85 V min. 0,65 V max. 0,95 V min. min. min. max. 60 80 100 300
Continental Device India Limited
Data Sheet
Page 2 of 3
CMBT3906
-IC = 50 mA; -VCE = 1 V -IC = 100 mA; -VCE = 1 V Transition frequency at f = 100 MHz -IC = 10mA; -VCE = 20V Noise figure at RS = 1 k -IC = 100A; -VCE = 5 V f = 10 Hz to 15,7 kHz Small Signal Current Gain VCE = 10V; IC = 1 mA; f = 1 KHz
hFE hFE fT
min. min. min.
60 30 250 MHz
F
max.
4 dB
hfe
min. max.
100 400
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CMBT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X